Part Number Hot Search : 
SC251 HD14161 21500 S2APF501 48LC4M16 RS806 C7136MVF AS5C2568
Product Description
Full Text Search
 

To Download VY2220K29U2JS6V5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EMI/RFI Y2-VY2
Vishay BCcomponents
Ceramic Disc Capacitors Safety Standard Approved Disc Capacitor
D T
FEATURES
* Complying with "EN 132 400" and "IEC 60384-14, 2nd edition, including amendment 1.1995" * High reliability * Vertical (inline) kinked or straight leads
e = 3.0 mm max
SH = 4.0 mm max
e3
RoHS
COMPLIANT
F
APPLICATIONS
L = 30.0 mm 5.0 mm
* Across-the-line * Line by-pass * Antenna coupling
DESIGN
O d 0.6 mm
Capacitors with 5.0 mm, 7.5 mm or 10 mm lead spacing
DISSIPATION FACTOR:
2.5 % maximum
The capacitors consist of a ceramic disc both sides of which are silver-plated. Connection leads are made of tinned copper having a diameter of 0.6 mm. The capacitors may be supplied with vertical (inline) kinked leads having a lead spacing of 5.0 mm. 7.5 mm or 10.0 mm. Encapsulation is made of flammable resistant epoxy resin in accordance with "UL94V-0".
CATEGORY TEMPERATURE RANGE:
- 40 C to + 125 C
CAPACITANCE RANGE:
10 pF to 0.01 F
TEMPERATURE CHARACTERISTICS:
See Ordering Information Tables
RATED VOLTAGE UR:
IEC 60384-14.2: (X1): 440 V (AC), 50 Hz (Y2): 300 V (AC), 50 Hz
CLIMATIC CATEGORY:
40/125/21 according to EN60068-1
COATING:
according to UL 94V-0 epoxy resin, isolating, flame retardant
TEST VOLTAGE:
Component Test (100 %): 2600 V (AC), 50 Hz, 2 seconds (2600 V (AC) for LS 7.5 mm and 10 mm) (2200 V (AC) for LS 5.0 mm) Random sampling test (destructive test): 2600 V (AC), 50 Hz, 60 seconds Voltage proof of coating (destructive test): 2600 V (AC), 50 Hz, 60 seconds
WEEE/RoHS:
Components in accordance with EU Directive 2002/95/EC Lead (Pb)-free terminals and internal solder joints
APPROVALS:
ENEC - VDE DE 1-30691 UL 1414 file E183844 CSA 22.2
INSULATION RESISTANCE:
10 000 M minimum
PACKAGING:
Bulk; tape and reel; taped ammopack
Typical Current vs Voltage (Leakage Current) at 60 Hz 25 C
3.5
TOLERANCE OF CAPACITANCE:
20 % (Code M); 10 % (Code K)
Typical Current vs Voltage (Leakage Current) at 60 Hz 25 C
120 100 pF 100
3.0
VY2-472
2.5
VY2-392 VY2-332
80
Leakage Current I (mA)
2.0
Current I (A)
68 pF 60
1.5 VY2-222 1.0 VY2-152 VY2-102 VY2-681 VY2-471 VY2-331 VY2-221 VY2-151 0 200 400 600 800 1000 1200 1400 1600 1800 2000 2200 2400 2600
47 pF 40 33 pF 22 pF 20 10 pF 0 0 200 400 600 800 1000 1200 1400 1600 1800 2000 2200 2400 2600
0.5
0.0
AC Voltage rms
AC Voltage rms
The capacitors meet the essential requirements of "EIA 198". Unless stated otherwise all electrical values apply at an ambient temperature of 25 3 C, at normal atmospheric conditions
Document Number: 28535 Revision: 12-Oct-07 For technical questions contact: CDC@vishay.com www.vishay.com 83
EMI/RFI Y2-VY2
Vishay BCcomponents
Ceramic Disc Capacitors Safety Standard Approved Disc Capacitor
ORDERING INFORMATION
C (pF) TOL. (%) TEMP. COEFFICIENT BODY DIAMETER Dmax (mm) BODY THICK Tmax (mm) LEAD SPACING F (mm) COATING EXTENSION emax (4) (mm) CLEAR TEXT CODE 15th DIGIT*: T = REEL; U = AMMO; 3 = BULK (2) 2200 VAC, 50 Hz, 2 SECONDS VY2100K29U2JS6*V5 VY2150K29U2JS6*V5 VY2220K29U2JS6*V5 VY2330K29U2JS6*V5 VY2470K29U2JS6*V5 VY2680K29Y5SS6*V5 VY2101K29Y5SS6*V5 VY2151K29Y5SS6*V5 VY2221K29Y5SS6*V5 VY2331K29Y5SS6*V5 VY2471K29Y5SS6*V5 VY2681M29Y5US6*V5 VY2102M29Y5US6*V5 VY2152M31Y5US6*V5 VY2222M35Y5US6*V5 VY2332M41Y5US6*V5 VY2392M43Y5US6*V5
VY2 FOR LEADSPACING 5.0 mm 10 15 22 33 47 68 100 150 220 330 470 680 1000 1500 2200 3300 3900
U2J (N750)
10 7.5 Y5S (2C3) 5.0 5.0 3.0
20
Y5U (2E3)
8.0 9.0 10.5 11.0
ORDERING INFORMATION
C (pF) TOL. (%) TEMP. COEFFICIENT BODY DIAMETER Dmax (mm) BODY THICK Tmax (mm) LEAD SPACING F (mm) COATING EXTENSION emax (4) (mm) CLEAR TEXT CODE 15th DIGIT*: T = REEL; U = AMMO; 3 = BULK (2) 2600 VAC, 50 Hz, 2 SECONDS VY2100K29U2JS6*V7 VY2150K29U2JS6*V7 VY2220K29U2JS6*V7 VY2330K29U2JS6*V7 VY2470K29U2JS6*V7 VY2680K29Y5SS6*V7 VY2101K29Y5SS6*V7 VY2151K29Y5SS6*V7 VY2221K29Y5SS6*V7 VY2331K29Y5SS6*V7 VY2471K29Y5SS6*V7 VY2681M29Y5US6*V7 VY2102M29Y5US6*V7 VY2152M31Y5US6*V7 VY2222M35Y5US6*V7 VY2332M41Y5US6*V7 VY2392M43Y5US6*V7 VY2472M49Y5US6*V7 VY2682M59Y5US63V7 VY2103M63Y5US63V7
VY2 FOR LEADSPACING 7.5 mm 10 15 U2J (N750) 22 33 47 68 100 150 220 330 470 680 1000 1500 2200 3300 3900 4700 6800 0.01 F
10 7.5 Y5S (2C3) 5.0 7.5 3.0
20
Y5U (2E3)
8.0 9.0 10.5 11.0 12.5 14.5 16.0
www.vishay.com 84
For technical questions contact: CDC@vishay.com
Document Number: 28535 Revision: 12-Oct-07
EMI/RFI Y2-VY2
Ceramic Disc Capacitors Vishay BCcomponents Safety Standard Approved Disc Capacitor
ORDERING INFORMATION
C (pF) TOL. (%) TEMP. COEFFICIENT BODY DIAMETER Dmax (mm) BODY THICK Tmax (mm) LEAD SPACING F (mm) COATING EXTENSION emax (3) (mm) CLEAR TEXT CODE 15th DIGIT*: T = REEL; U = AMMO; 3 = BULK (2) 2600 VAC, 50 Hz, 2 SECONDS VY2100K29U2JS6*V0 VY2150K29U2JS6*V0 VY2220K29U2JS6*V0 VY2330K29U2JS6*V0 VY2470K29U2JS6*V0 VY2680K29Y5SS6*V0 VY2101K29Y5SS6*V0 VY2151K29Y5SS6*V0 VY2221K29Y5SS6*V0 VY2331K29Y5SS6*V0 VY2471K29Y5SS6*V0 VY2681M29Y5US6*V0 VY2102M29Y5US6*V0 VY2152M31Y5US6*V0 VY2222M35Y5US6*V0 VY2332M41Y5US6*V0 VY2392M43Y5US6*V0 VY2472M49Y5US6*V0 VY2682M59Y5US6*V0 VY2103M63Y5US6*V0
VY2 FOR LEADSPACING 10.0 mm 10 15 U2J (N750) 22 33 47 68 100 150 220 330 470 680 1000 1500 2200 3300 3900 4700 6800 0.01 F
10 7.5 Y5S (2C3) 5.0 10.0 3.0
20
Y5U (2E3)
8.0 9.0 10.5 11.0 12.5 14.5 16.0
Notes: 1. Straight leads are available on request. 2. 15th digit of the clear text code number to be completed with the packaging code. 3. Coating extension e valid for straight leads only. 4. On request available: 10 % tolerance for capacitance value 680 pF.
LEADSPACING 5.0 AND 7.5 mm PACKAGING
CAPACITANCE VALUE 10 pF to 4700 pF 6800 pF to 0.01 F SIZE CODE 29 ~ 49 59 ~ 63 BODY DIAMETER Dmax (mm) 12.5 16.0 PACKAGING QUANTITIES BULK 1000 500 REEL 1000 AMMO 1000 -
LEADSPACING 10.0 mm PACKAGING
CAPACITANCE VALUE 10 pF to 4700 pF 6800 pF to 0.01 F SIZE CODE 29 ~ 49 59 ~ 63 BODY DIAMETER Dmax (mm) 12.5 16.0 PACKAGING QUANTITIES BULK 1000 500 REEL 500 500 AMMO 750 750
Note: 1. The capacitors are supplied in bulk packaging (cardboard boxes), in tape on reel or in ammopack.
Document Number: 28535 Revision: 12-Oct-07
For technical questions contact: CDC@vishay.com
www.vishay.com 85
EMI/RFI Y2-VY2
Vishay BCcomponents
Ceramic Disc Capacitors Safety Standard Approved Disc Capacitor
P D p
P2 p
T h h
F Od L W1 W0 W A e P0 P1 F D0 t t1 W2 H0
H1
detail A
Inline kink (V) leaded capacitors on tape, lead spacing 5.0 mm (0.200"), 7.5 mm (0.300") and 10 mm (0.400")
STANDARD RECOGNITION
IEC 60384 - 14/2nd Issue (1993) incl. Am.1 (1995) - Safety Tests EN 132 400 (1994) - Safety Tests UL 1414 - Across-the-line, antenna-coupling and line-by-pass component CCC - Chinese Safety Standard is available on request
MARKING: 2 SIDES (EXAMPLE)
front back
10
VY2 472 M Y2 300 ~ X1 440 ~ xxxx 250 ~ 4 digit date code (year/week)
LABEL (EXAMPLE)
www.vishay.com 86
For technical questions contact: CDC@vishay.com
Document Number: 28535 Revision: 12-Oct-07
EMI/RFI Y2-VY2
Ceramic Disc Capacitors Vishay BCcomponents Safety Standard Approved Disc Capacitor
DIMENSIONS OF TAPE
SYMBOL D 1) d P P0 2) P1 3) P2 F h P W W0 W1 W2 H1 H0 H0 L I D0 t
3)
PARAMETER Fig.1 5 mm body diameter lead diameter pitch of component pitch of sprocket hole distance, hole centre to lead distance, hole to centre of component lead spacing average deviation across tape avaerage deviation in direction of reeling carrier tape width hold-down tape width position of sprocket hole distance of hold-down tape maximum component height Height to seating plane (for kinked leads) Height to seating plane (for straight leads) length of cut leads length of lead protrusion diameter of sprocket hole total tape thickness 11.0 max. 0.6 0.05 12.7 1 12.7 0.3 3.85 0.7 6.35 1.3 5.0 (+ 0.6/- 0.4) 1.0 max. 1.0 max. 18.0 + 1/- 0.5 5.0 min. 9.0 + 0.75 - 0.5 3.0 max. 32.0 16.0 0.5 20.0 0.5 11.0 max. 1.0 max. 4.0 0.2 0.9 max.
DIMENSIONS (mm) Fig.1 7.5 mm 14.0 max. 0.6 0.05 15.0 1 15.0 0.3 3.75 0.7 7.5 1.5 7.5 (+ 0.6/- 0.4) 1.0 max. 1.0 max. 18.0 + 1/- 0.5 5.0 min. 9.0 + 0.75 - 0.5 3.0 max. 40.0 16.0 0.5 20.0 0.5 11.0 max. 1.0 max. 4.0 0.2 0.9 max. Fig.2 10 mm 16.0 max. 0.6 0.05 25.4 1 12.7 0.3 7.7 1.0 12.7 1.5 10.0 (+ 0.6/- 0.4) 1.0 max. 1.0 max. 18.0 + 1/- 0.5 5.0 min. 9.0 + 0.75 - 0.5 3.0 max. 40.0 16.0 0.5 20.0 0.5 11.0 max. 1.0 max. 4.0 0.2 0.9 max.
Notes 1. See ordering information table. 2. Cumulative pitch error: 1 mm/20 pitches. 3. Obliquity maximum 3.
REEL AND TAPE DATA in millimeters
355.6 2.0
330
28 1.5
360 55
Reel with capacitors on tape
Ammopack with capacitors on tape
Document Number: 28535 Revision: 12-Oct-07
For technical questions contact: CDC@vishay.com
www.vishay.com 87
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of VY2220K29U2JS6V5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X